Part Number Hot Search : 
10013 035PT R18SG6A AM29F04 2N1489 SG6980 WS3253 K3566
Product Description
Full Text Search
 

To Download EM513 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
EM513 THRU EM518
FEATURES
* * * * *
VOLTAGE RANGE CURRENT
1600 to 2000 Volts 1.0 Ampere
DO-41
1.0(25.4) MIN.
Low coat construction Low forward voltage drop Low reverse leakage High forward surge current capability High temperature soldering guaranteed: 260/10 secods/.375"(9.5mm)lead length at 5 lbs(2.3kg) tension
.205(5.2) .166(4.2) .107(2.7) DIA. .080(2.0) 1.0(25.4) MIN. .034(0.9) .028(0.7) DIA.
MECHANICAL DATA
* * * * * *
Case: Transfer molded plastic Epoxy: UL94V-O rate flame retardant Polarity: Color band denotes cathode end Lead: Plated axial lead, solderable per MIL-STD-202E method 208C Mounting position: Any Weight: 0.012 ounce, 0.33 grams
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
* * *
Ratings at 25OC ambient temperature unless otherwise specified Single Phase, half wave, 60Hz, resistive or inductive load For capacitive load derate current by 20%
SYMBOLS
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current 0.375"(9.5mm) lead length at T A= 25 Peak Forward Surge Current 8.3mS single half sine wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage @ 1.0A Maximum DC Reverse Current at Rated DC Blocking Voltage per element TA = 25 TA = 100
VRRM VRMS VDC I(AV) IFSM VF IR IR(AV) CJ RJA TJ TSTG
EM513 1600 1120 1600
EM516 1800 1260 1800 1.0 30 1.1 5.0 50 30 15 50 -55 to +150 -55 to +150
EM518 1300 1400 2000
UNIT
Volts Volts Volts Amps Amps
1.2
Volts A A pF
/W
Maximum Full Load Reverse Current, full cycle average 0.375"(9.5mm)lead length at TL=75 Typical Junction Capacitance (Note 1) Typical Thermal Resistance (Note 2) Operating Junction Temperature Range Storage Temperature Range
Notes: 1. Measured at 1.0MHz and Applied Reverse Voltage of 4.0V DC. 2. Thermal Resistance from junction to ambient at .375"(9.5mm) lead length, P.C.board mounted.
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
EM513 THRU EM518
VOLTAGE RANGE CURRENT
1600 to 2000 Volts 1.0 Ampere
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
1.2
FIG.2-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
30
AVERAGE FORWARD CURRENT,
PEAK FORWARD SURGE
1.0
25
0.8
CURRENT, (A)
20
8.3ms Single Half Sine-Wave T (JEDEC Method) j =T jmax
0.6
(A)
0.4
Single Phase Half Wave 60Hz Resistive or
10
0.2
0 0
Inductive Load
25
50
75
100
125
150
175
0 1 2 5 8 10
20
50
100
AMBIENT TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60 Hz
FIG.3-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
10
10
FIG.4-TYPICAL REVERSE CHARACTERISTICS INSTANTANEOUS REVERSE CURRENT, (mA)
INSTANTANEOUS FORWARD CURRENT,
Tj =100 C
1
1.0
(A)
0.1
T =25 C
j
0.1
Pulse Width=300us 1% Duty Cycle
0.01 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
Tj =25 C 0.01 0 20 40 60 80 100 120 140
INSTANTANEOUS FORWARD VOLTAGE,(V)
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%) FIG.5-TYPICAL JUNCTION CAPACITANCE
100
CAPACITANCE,(pF)
10
TJ=25 C F=1MHz 10 0.1 1.0 4.0 10.0 100
REVERSE VOLTAGE,(VOLTS)
E-mail: sales@cnmic.com
Web Site: www.cnmic.com


▲Up To Search▲   

 
Price & Availability of EM513

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X